Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMBTA55
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA55 Datasheet(HTML) 3 Page - Micro Commercial Components

  MMBTA55 Datasheet HTML 1Page - Micro Commercial Components MMBTA55 Datasheet HTML 2Page - Micro Commercial Components MMBTA55 Datasheet HTML 3Page - Micro Commercial Components MMBTA55 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 6. “ON” Voltages
-10
-500
-1.0
IC, COLLECTOR CURRENT (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0
-100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -1.0 V
-0.5
-2.0
-5.0
-200
-20
-50
Figure 7. Collector Saturation Region
Figure 8. Base–Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
-100
-500
-0.5
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-10
RqVB for VBE
-1.0 -2.0
-5.0
-20
-50
-200
-0.1
-10
-0.05
-1.0
-0.8
-0.6
-0.4
-0.2
0
-1.0
TJ = 25°C
-50
IC =
-100 mA
IC =
-50 mA
IC =
-250 mA
IC =
-500 mA
IC =
-10 mA
-20
-2.0
-5.0
-0.2
-0.5
MCC
MMBTA55 thru MMBTA56
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com