Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3575 Datasheet(PDF) 3 Page - EPCOS

Part # B3575
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3575 Datasheet(HTML) 3 Page - EPCOS

  B3575 Datasheet HTML 1Page - EPCOS B3575 Datasheet HTML 2Page - EPCOS B3575 Datasheet HTML 3Page - EPCOS B3575 Datasheet HTML 4Page - EPCOS B3575 Datasheet HTML 5Page - EPCOS B3575 Datasheet HTML 6Page - EPCOS B3575 Datasheet HTML 7Page - EPCOS B3575 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 01, 2008
B3575
433.92 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
433.92
—
MHz
(center frequency between 3 dB pionts)
Minimum insertion attenuation
α
min
433.83 ...
434.01 MHz
—
3.4
4.7
dB
(incl. loss in matching elements)
Amplitude ripple (p-p)
433.83 ...
434.01 MHz
—
0.5
2.0
dB
433.81 ...
434.03 MHz
—
0.7
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
300.00 MHz
60
70
—
dB
300.00 ...
400.00 MHz
50
55
—
dB
400.00 ...
424.00 MHz
60
65
—
dB
424.00 ...
430.00 MHz
55
60
—
dB
430.00 ...
433.02 MHz
40
45
—
dB
434.92 ...
439.00 MHz
30
35
—
dB
439.00 ... 1000.00 MHz
58
63
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
360 || 2.0
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
360 || 2.1
—
Ω || pF
Temperature coefficient of frequency 2)
2) Temperature dependance of f
C:fC(TA) = fC(T0) (1 + TCf(TA -T0)
2)
TCf
—
–0,03
—
ppm/K2
Frequency inversion point
T0
10—40
°C
Maximum ratings
Operable temperature range TA
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
Source power
PS
PS
10
12
dBm
dBm
source impedance 50
Ω
duty cycle 1:10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com