Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3715 Datasheet(PDF) 4 Page - EPCOS

Part # B3715
Description  SAW filter Short range devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3715 Datasheet(HTML) 4 Page - EPCOS

  B3715 Datasheet HTML 1Page - EPCOS B3715 Datasheet HTML 2Page - EPCOS B3715 Datasheet HTML 3Page - EPCOS B3715 Datasheet HTML 4Page - EPCOS B3715 Datasheet HTML 5Page - EPCOS B3715 Datasheet HTML 6Page - EPCOS B3715 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
February 06, 2008
B3715
869.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
869.00
—
MHz
Maximum insertion attenuation
α
max
868.00 ...
870.00 MHz
—
2.6
3.3
dB
Amplitude ripple (p-p)
∆α
868.00 ...
870.00 MHz
—
0.6
1.2
dB
Attenuation
α
10.00 ...
845.00 MHz
37
41
—
dB
845.00 ...
851.00 MHz
32
36
—
dB
851.00 ...
856.80 MHz
20
24
—
dB
883.00 ...
892.00 MHz
20
35
—
dB
892.00 ... 1000.00 MHz
42
47
—
dB
Temperature coefficient of frequency
TCf
—
–30
—
ppm/K
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
5
V
Source power
PS
13
dBm
source impedance 50
Ω
Source power
868 MHz to 870 MHz
PS
18
dBm
duty cycle 1:10,
–40 ˚C to +85 ˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com