Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA92 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMSTA92
Description  PNP Small Signal Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSTA92 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMSTA92 Datasheet HTML 1Page - Micro Commercial Components MMSTA92 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMSTA92
PNP Small Signal
Transistors
Features
•
Epitaxial Planar Die Construction
•
Ideal for Medium Power Amplification and Switching
•
Ultra-small surface mount package
•
Marking:K3R
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
300
V
VCBO
Collector-Base Voltage
300
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current-Continuous
(1) (3)
100
mA
PC
Power dissipation
(1)
200
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
300
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
300
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=100uAdc, IC=0)
5.0
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=200Vdc,IE=0)
---
250
nAdc
IEBO
Emitter-Base Cutoff Current
(VCE=3.0Vdc, IC=0)
---
100
nAdc
ON CHARACTERISTICS
(2)
hFE
DC Current Gain
(IC=1.0mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=30mAdc, VCE=10Vdc)
25
40
25
---
---
---
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
---
0.9
Vdc
SMALL SIGNALCHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=20V, f=100MHz, IC=10mA)
50
---
MHz
CCB
Collector-Base Capacitance
(VCB=20V, f=1.0MHz, IE=0)
---
6.0
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width<300us, duty cycle<2%
3. When operated within safe operating area constraints.
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 4
2008/01/01
TM
Micro Commercial Components
E
B
C
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 2


Similar Part No. - MMSTA92

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
logo
TRANSYS Electronics Lim...
MMSTA92 TEL-MMSTA92 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Diodes Incorporated
MMSTA92 DIODES-MMSTA92 Datasheet
123Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results

Similar Description - MMSTA92

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com