Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB62 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PB62
Description  6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PB62 Datasheet(HTML) 1 Page - Micro Commercial Components

  PB62 Datasheet HTML 1Page - Micro Commercial Components PB62 Datasheet HTML 2Page - Micro Commercial Components PB62 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PB605
THRU
PB610
6 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
PB-6
Features
•
Low Forward Voltage and Any Mounting Position
•
Surge Overload Rating Of 150 Amps
•
Silver Plated Copper Leads
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.578
.618
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.10
---
D
.405
.444
10.30
11.30
2PL
E
.038
.042
0.97
1.07
4PL/TYP
G
.145
---
3.70
---
∅
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PB605
PB605
50V
35V
50V
PB61
PB61
100V
70V
100V
PB62
PB62
200V
140V
200V
PB64
PB64
400V
280V
400V
PB66
PB66
600V
420V
600V
PB68
PB68
800V
560V
800V
PB610
PB610
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
Ta = 50
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IF= 3.0A;
Ta = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
Ta = 25
°C
Ta = 100
°C
B
C
E
D
A
AC
+
-
A
AC
G
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 8
2008/01/30
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989


Similar Part No. - PB62

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB62 MCC-PB62 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
PB62 CHENG-YI-PB62 Datasheet
124Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Micro Commercial Compon...
PB62 MCC-PB62 Datasheet
273Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB62F MCC-PB62F Datasheet
128Kb / 3P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
PB62F MCC-PB62F_13 Datasheet
352Kb / 4P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
More results

Similar Description - PB62

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS601 MCC-RS601 Datasheet
78Kb / 2P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU601 KISEMICONDUCTOR-KBU601 Datasheet
61Kb / 2P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605_13 Datasheet
273Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS601 MCC-RS601_16 Datasheet
183Kb / 3P
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com