Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB151 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SDB151
Description  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SDB151 Datasheet(HTML) 1 Page - Micro Commercial Components

  SDB151 Datasheet HTML 1Page - Micro Commercial Components SDB151 Datasheet HTML 2Page - Micro Commercial Components SDB151 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDB151
THRU
SDB157
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
•
Surface Mount Package
•
Low Profile Package
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SDB151
SDB151
50V
35V
50V
SDB152
SDB152
100V
70V
100V
SDB153
SDB153
200V
140V
200V
SDB154
SDB154
400V
280V
400V
SDB155
SDB155
600V
420V
600V
SDB156
SDB156
800V
560V
800V
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 40
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.5A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
SDB-1
Suggested Solder Pad
Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.040
.060
1.02
1.50
.047”
.060”
.205”
.344”
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
B
C
D
A
E
G
H
K
Notch in Case
+
-
∼
∼
Revision: 8
2007/01/15
TM
Micro Commercial Components
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
E
.102
.130
2.60
3.30
D
.360
.410
9.40
10.4
G
.003
.013
.076
.330
H
.195
.205
5.00
5.20
K
.038
.047
1.00
1.20
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
SDB157
SDB157
•
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989


Similar Part No. - SDB151

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB151 MCC-SDB151 Datasheet
197Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
KODENSHI_AUK CORP.
SDB15100PH KODENSHI-SDB15100PH Datasheet
285Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB15100PH KODENSHI-SDB15100PH Datasheet
285Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB15100PH-1 KODENSHI-SDB15100PH-1 Datasheet
285Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - SDB151

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_04 Datasheet
153Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
DB151 MCC-DB151 Datasheet
278Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
W005M KISEMICONDUCTOR-W005M Datasheet
581Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RB-156 MCC-RB-156 Datasheet
240Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W10M-BP MCC-W10M-BP Datasheet
321Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_13 Datasheet
279Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L_14 Datasheet
150Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_13 Datasheet
342Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com