Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP32B
Description  Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP32B Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP32B Datasheet HTML 1Page - Micro Commercial Components TIP32B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP32/32A/32B/32C
Silicon PNP
Power Transistors
Features
•
The complementary NPN types are the TIP31 respectively
TO-220
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Marking :
Part Number
Revision: 5
2008/01/01
1 of 2
•
•
Absolute Maximum Ratings @ Ta = 25
℃ (unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
TIP32
TIP32A
TIP32B
TIP32C
Collector-base voltage
(Open emitter)
-40
-60
-80
-100
V
VCEO
TIP32
TIP32A
TIP32B
TIP32C
Collector-emitter voltage
(Open base)
-40
-60
-80
-100
V
VEBO
Emitter-base Voltage (Open collector)
-5
V
IC
Collector Current
-3
A
ICM
Collector Current Pulse
-5
A
IB
Base Current
-1
A
Total Device Dissipation(Ta=2
5℃)
2
W
PC
Total Device Dissipation(Tc=2
5℃)
40
W
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature Range
-65 to +150
℃
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VCEO(SUS)
TIP32
TIP32A
TIP32B
TIP32C
Collector-emitter sustaining voltage
( IC=-30mA; IB=0)
-40
-60
-80
-100
V
VCE(sat)
Collector-emitter Saturation Voltage
( IC=-3A IB=-0.375A )
-1.2
V
VBE
Base-emitter Voltage
( IC=-3A ; VCE=-4V )
-1.8
V
ICES
TIP32
TIP32A
TIP32B
TIP32C
Collector cut-off current
(VCE=-40V; VEB=0)
(VCE=-60V; VEB=0)
(VCE=-80V; VEB=0)
(VCE=-100V; VEB=0)
-0.2
mA
ICEO
TIP32/32A
TIP32B/C
Collector cut-off current
(-VCE=30V; VEB=0)
(-VCE=60V; VEB=0)
-0.3
mA
IEBO
Emitter cut-off current
(-VEB=5V; IC=0)
-1.0
mA
Hfe
DC current gain
(IC=-1A ; VCE=-4V)
(IC=-3A ; VCE=-4V)
25
10
50
fT
Transition frequency
( IC=-0.5A ; VCE=-10V)
3
MHZ
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - TIP32B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32B MOSPEC-TIP32B Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32B MOTOROLA-TIP32B Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32B ONSEMI-TIP32B Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32B POINN-TIP32B Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32B STMICROELECTRONICS-TIP32B Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com