Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3729 Datasheet(PDF) 3 Page - EPCOS

Part # B3729
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3729 Datasheet(HTML) 3 Page - EPCOS

  B3729 Datasheet HTML 1Page - EPCOS B3729 Datasheet HTML 2Page - EPCOS B3729 Datasheet HTML 3Page - EPCOS B3729 Datasheet HTML 4Page - EPCOS B3729 Datasheet HTML 5Page - EPCOS B3729 Datasheet HTML 6Page - EPCOS B3729 Datasheet HTML 7Page - EPCOS B3729 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 27, 2009
B3729
313.85 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
313.85
—
MHz
Maximum insertion attenuation
α
max
313.35 ...
314.35 MHz
—
1.5
1.9
dB
Amplitude ripple (p-p)
∆α
313.35 ...
314.35 MHz
—
0.4
1.0
dB
Input VSWR
313.35 ...
314.35 MHz
—
1.3
1.6
Output VSWR
313.35 ...
314.35 MHz
—
1.3
1.6
Attenuation
α
270.00 ...
286.00 MHz
60
68
—
dB
293.00 ...
293.90 MHz
56
64
—
dB
302.85 ...
303.45 MHz
45
52
—
dB
324.25 ...
324.85 MHz
29
31
—
dB
336.10 ...
337.00 MHz
52
60
—
dB
357.50 ...
358.70 MHz
55
63
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com