Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9260 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB9260 Datasheet HTML 1Page - Texas Instruments TUSB9260 Datasheet HTML 2Page - Texas Instruments TUSB9260 Datasheet HTML 3Page - Texas Instruments TUSB9260 Datasheet HTML 4Page - Texas Instruments TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TUSB9260
www.ti.com
SLLS962C – DECEMBER 2009 – REVISED JULY 2010
USB 3.0 TO SATA BRIDGE
Check for Samples: TUSB9260
1
MAIN FEATURES
1.1
TUSB9260 Features
1
• Universal Serial Bus (USB)
– SuperSpeed USB 3.0 Compliant - TID 340000007
•
Integrated Transceiver Supports SS/HS/FS Signaling
– Best in Class Adaptive Equalizer
•
Allows for Greater Jitter Tolerance in the Receiver
– USB Class Support
•
USB Attached SCSI Protocol (UASP)
•
USB Mass Storage Class Bulk-Only Transport (BOT)
•
Support for Error Conditions Per the 13 Cases (Defined in the BOT Specification)
•
USB Bootability Support
•
USB Human Interface Device (HID)
– Supports Firmware Update Via USB, Using a TI Provided Application
• SATA Interface
– Serial ATA Specification Revision 2.6
•
gen1i, gen1m, gen2i, and gen2m
– Support for Mass-Storage Devices Compatible With the ATA/ATAPI-8 Specification
• Integrated ARM Cortex M3 Core
– Customizable Application Code Loaded From EEPROM Via SPI Interface
– Two Additional SPI Port Chip Selects for Peripheral Connection
– Up to 12 GPIOs for End-User Configuration
•
2 GPIOs Have PWM Functionality for LED Blink Speed Control
– Serial Communications Interface for Debug (UART)
• General Features
– Can Operate from Either a Single Low Cost Crystal or Clock Oscillator
•
Supports 40 MHz
– A JTAG Interface is Used for IEEE1149.1 and IEEE1149.6 Boundary Scan
– Available in a Fully RoHS Compliant Package
1.2
Target Applications
• External HDD/SSD
• External DVD
• External CD
• HDD-Based Portable Media Player
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com