Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9260PVP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260PVP
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260PVP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB9260PVP Datasheet HTML 4Page - Texas Instruments TUSB9260PVP Datasheet HTML 5Page - Texas Instruments TUSB9260PVP Datasheet HTML 6Page - Texas Instruments TUSB9260PVP Datasheet HTML 7Page - Texas Instruments TUSB9260PVP Datasheet HTML 8Page - Texas Instruments TUSB9260PVP Datasheet HTML 9Page - Texas Instruments TUSB9260PVP Datasheet HTML 10Page - Texas Instruments TUSB9260PVP Datasheet HTML 11Page - Texas Instruments TUSB9260PVP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TUSB9260
SLLS962C – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
3
OPERATION
3.1
General Functionality
The TUSB9260 ROM contains boot code that executes after a global reset which performs the initial
con-figuration required to load a firmware image from an attached SPI flash memory to local RAM. In the
ab-sence of an attached SPI flash memory or a valid image in the SPI flash memory, the firmware will idle
and wait for a connection from a USB host through its HID interface which is also configured from the boot
code. The latter can be accomplished using a custom application or driver to load the firmware from a file
resident on the host system.
Once the firmware is loaded it configures the SATA advanced host controller interface host bus adapter
(AHCI) and the USB device controller. In addition, the configuration of the AHCI includes a port reset
which initiates an out of band (OOB) TX sequence from the AHCI link layer to determine if a device is
connected, and if so negotiate the connection speed with the device (3.0 Gbps or 1.5 Gbps).
The configuration of the USB device controller includes creation of the descriptors and configuration of the
device endpoints for support of UASP and USB mass storage class bulk-only transport (BOT). In addition,
the firmware provides any other custom configuration required for application specific implementation, for
example a HID interface for user initiated backup.
After USB device controller configuration is complete, if a SATA device was detected during the AHCI
con-figuration the firmware connects the device to the USB bus when VBUS is detected. According to the
USB 3.0 specification, the TUSB9260 will initially try to connect at SuperSpeed, if successful it will enter
U0; otherwise, after the training time out it will enable the DP pull up and connect as a USB 2.0
high-speed or full-speed device depending on the speed supported by host or hub port.
When connected, the firmware presents the BOT interface as the primary interface and the UASP
inter-face as the secondary interface. If the host stack is UASP aware, it can enable the UASP interface
using a SET_INTERFACE request for alternate interface 1.
Following speed negotiation, the device should transmit a device to host (D2H) FIS with the device
signature. This first D2H FIS is received by the link layer and copied to the port signature register. When
firmware is notified of the device connection it queries the device for capabilities using the IDENTIFY
DEVICE command. Firmware then configures the device as appropriate for its interface and features
supported, for example an HDD that supports native command queuing (NCQ).
The configuration of the USB device controller includes creation of the descriptors, configuration of the
device endpoints for support of UASP and USB mass storage class bulk-only transport (BOT), allocation
of memory for the transmit request blocks (TRBs), and creation of the TRBs necessary to transmit and
receive packet data over the USB. In addition, the firmware provides any other custom configuration
required for application specific implementation, for example a HID interface for user initiated backup.
After USB device controller configuration is complete, if a SATA device was detected during the AHCI
configuration the firmware connects the device to the USB bus when VBUS is detected. According to the
USB 3.0 specification, the TUSB9260 will initially try to connect at SuperSpeed, if successful it will enter
U0; otherwise, after the training time out it will enable the DP pull up and connect as a USB 2.0
high-speed or full-speed device depending on the speed supported by host or hub port.
When connected as a SuperSpeed device, the firmware presents the UASP interface as the primary
interface, and the BOT interface as a secondary interface. If the host stack is not UASP aware, it can
enable the BOT interface using a SET_INTERFACE request for alternate interface 1.
8
OPERATION
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com