Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVM20 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HVM20
Description  HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE 20000 Volts CURRENT 0.35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HVM20 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HVM20 Datasheet HTML 1Page - Rectron Semiconductor HVM20 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE 20000 Volts CURRENT 0.35 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Isolated case
* Surge overload rating - 50 amperes peak
* Mounting position: Any
* Low forward voltage drop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HVM20
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
HIGH VOLTAGE ASSEMBLIED RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES:
Dimensions in inches and (millimeters)
1998-8
2. Operating and Storage Temperature : -20
oC to +135oC
1. Enough heat sink must be considered in application.
3. Suffix “ L “ for Wire type.
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
K Volts
K Volts
mAmps
350
50
-20 to + 135
0 C
UNITS
Maximum Average Forward Rectified Current at TA = 50
oC
K Volts
Amps
HVM20
20
20
14
at Rated DC Blocking Voltage
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
uAmps
Maximum Instantaneous Forward Voltage at 0.35A DC
Volts
5.0
Maximum DC Reverse Current
HVM20
1.515 (38.5)
1.398 (35.5)
.052 (1.3)
.048 (1.2)
.710 (18.0)
.670 (17.0)
3.622 (92.0)
3.386 (86.0)
1.201 (30.5)
1.083 (27.5)
.287 (7.3)
.264 (6.7)
.169 (4.28)
HVM
MECHANICAL DATA
* Epoxy : UL flammability classification 94V-0
14


Similar Part No. - HVM20

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM27WK HITACHI-HVM27WK Datasheet
26Kb / 5P
Variable Capacitance Diode for FM tuner
logo
Renesas Technology Corp
HVM27WK RENESAS-HVM27WK Datasheet
241Kb / 5P
Variable Capacitance Diode for FM tuner
More results

Similar Description - HVM20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM5 RECTRON-HVM5 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
HVP5 RECTRON-HVP5 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Chongqing Pingwei Enter...
HVM5 CHONGQING-HVM5 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Rectron Semiconductor
HVM5 RECTRON-HVM5_13 Datasheet
231Kb / 4P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM5L RECTRON-HVM5L Datasheet
234Kb / 4P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM30L RECTRON-HVM30L Datasheet
754Kb / 3P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 30000 Volts CURRENT 30 mAmperes
HER605 RECTRON-HER605 Datasheet
124Kb / 6P
HIGH EFFICIENCY RECTIFIER VOLTAGE 400 Volts CURRENT 6.0 Amperes
HER806 RECTRON-HER806 Datasheet
79Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE 600 Volts CURRENT 8.0 Amperes
HER807 RECTRON-HER807 Datasheet
104Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
HER808 RECTRON-HER808 Datasheet
104Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE 1000 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com