Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MD1S
Description  SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MD1S Datasheet(HTML) 1 Page - Rectron Semiconductor

  MD1S Datasheet HTML 1Page - Rectron Semiconductor MD1S Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001-4
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
FEATURES
* Surge overload rating - 30 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 0.5 gram
* Epoxy : Device has UL flammability classification 94V-0
* UL listed the recognized component directory, file #E94233
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MD1S
THRU
MD7S
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
Dimensions in millimeters
MD-S
NOTE: 1. On glass-epoxy P.C.B. mounted on 0.05 X 0.05” (1.3 X 1.3mm) pads.
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amp
0.5
30
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Rectified
Current at TA = 30
oC
- on glass-epoxy P.C.B. ( NOTE 1 )
- on aluminum substrate ( NOTE 2 )
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
MD1S
MD3S
MD4S
MD2S
MD5S
MD6S
MD7S
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.05
0.5
mAmps
uAmps
Element at 0.5A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
10
Maximum Reverse Current at rated
MD1S
MD3S
MD4S
MD2S
MD5S
MD6S
MD7S
0.8
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
2. On aluminum substrate P.C.B. with an area of 0.8 X 0.8 X 0.25” (20 X 20 X 6.4mm) mounted on 0.05 X 0.05” (1.27 X 1.27mm) solder pad.
3. Suffix “-S” Surface Mount for Mini Dip Bridge.
1
2
3
4
.004(0.10) MAX.
0.028(0.9)
0.020(0.5)
0.106(2.7)
0.091(2.3)
0.193(4.9)
0.177(4.5)
0.014(0.35)
0.006(0.15)
0.108(2.74)
0.092(2.34)
0.193(4.9)
0.177(4.5)
MECHANICAL DATA


Similar Part No. - MD1S

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S Datasheet
144Kb / 2P
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
WILLAS ELECTRONIC CORP
MD1S WILLAS-MD1S Datasheet
567Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - MD1S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
MD1 RECTRON-MD1 Datasheet
26Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
SHENZHEN YONGERJIA INDU...
MB1S WINNERJOIN-MB1S Datasheet
144Kb / 2P
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampe
logo
Rectron Semiconductor
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
SLPD101S RECTRON-SLPD101S Datasheet
496Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
2019-11 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com