Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3441B Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGS3441B
Description  Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3441B Datasheet(HTML) 3 Page - ON Semiconductor

  NTGS3441B Datasheet HTML 1Page - ON Semiconductor NTGS3441B Datasheet HTML 2Page - ON Semiconductor NTGS3441B Datasheet HTML 3Page - ON Semiconductor NTGS3441B Datasheet HTML 4Page - ON Semiconductor NTGS3441B Datasheet HTML 5Page - ON Semiconductor NTGS3441B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTGS3441B
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
20
4
16
12
5
3
2
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
8
4
0
1
Figure 1. On-Region Characteristics
0.5
20
16
1.5
1
12
4
0
2
2.5
Figure 2. Transfer Characteristics
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
1.5
3
0.12
2.5
4
0.30
0.00
5
Figure 3. On-Resistance vs. Gate-to-Source
Voltage
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
020
16
12
0.18
0.12
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
-ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.4
1.2
1.0
0.8
0.7
50
125
100
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = -4.5 V
-2.5 V
-2 V
-1.5 V
-3.5 V
2
3.5
TJ = 25°C
TJ = 125°C
TJ = -55°C
ID = -3 A
TJ = 25°C
VDS = -5 V
0.30
0.00
75
150
TJ = 25°C
VGS = -2.5 V
VGS = -4.5 V
ID = -3 A
VGS = -4.5 V
Figure 6. Capacitance Variation
1
0.06
8
4
1.5
1.3
1.1
0.9
48
2
010
600
400
200
0
20
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Coss
Ciss
Crss
4.5
0.06
0.18
0.24
0.24
1000
800
6
-3 V
-4 V
8
3
12
14
16
18



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com