Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB351 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MB351
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MB351 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MB351 Datasheet HTML 1Page - Rectron Semiconductor MB351 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( MB3505 THRU MB3510 )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
TJ = 25
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
500
400
300
200
100
0
1
2
4
6 8 10
20
40 60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD VOLTAGE, (V)
100
10
1.0
.1
.01
.8
.6
.7
.9
1.0
1.1
1.2
1.3
CHARACTERISTICS
TJ = 25
Pulse Width = 300us
1% Duty Cycle
FIG. 2 - TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
50
40
30
20
10
0
0
50
100
150
Single Phase Half Wave
60Hz Indutive or
Resistive Load
175
MB-35
MB-35W
.480 (12.2)
.425 (10.8)
1.181 (30.0)
1.102 (28.0)
.673 (17.1)
.633 (16.1)
.673 (17.1)
.633 (16.1)
.033 x .250
(0.8 x 6.4)
1.181 (30.0)
1.102 (28.0)
.732 (18.6)
.582 (14.8)
.543 (13.8)
.692 (17.6)
.452
(11.5)
MAX.
HOLE FOR
NO. 8 SCREW
AC
AC
.042 (1.1)
.080 (2.0)
(11.5)
DIA.
TYP.
.452
MAX.
(15.0)
.591
MAX.
.732 (18.6)
.692 (17.6)
AC
AC
1.181 (30.0)
1.102 (28.0)
HOLE FOR NO.
8 SCREW
1.181 (30.0)
1.102 (28.0)
.468 (11.9)
.429 (10.9)
.732 (18.6)
.692 (17.6)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com