Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJD4152P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJD4152P
Description  Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4152P Datasheet(HTML) 2 Page - ON Semiconductor

  NTJD4152P Datasheet HTML 1Page - ON Semiconductor NTJD4152P Datasheet HTML 2Page - ON Semiconductor NTJD4152P Datasheet HTML 3Page - ON Semiconductor NTJD4152P Datasheet HTML 4Page - ON Semiconductor NTJD4152P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTJD4152P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = -16 V
TJ = 25°C
1.0
mA
TJ = 125°C
1.0
5.0
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±4.5 V
0.03
1.0
mA
VDS = 0 V, VGS = ±12 V
6.0
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250 mA
-0.45
V
Drain-to-Source On Resistance
RDS(on)
VGS = -4.5 V, ID = -0.88 A
215
260
m
W
VGS = -2.5 V, ID = -0.71 A
345
500
VGS = -1.8 V, ID = -0.20 A
600
1000
Forward Transconductance
gFS
VDS = -10 V, ID = -0.88 A
3.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = -20 V
155
pF
Output Capacitance
COSS
25
Reverse Transfer Capacitance
CRSS
18
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -10 V,
ID = -0.88 A
2.2
nC
Gate-to-Source Charge
QGS
0.5
Gate-to-Drain Charge
QGD
0.65
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(ON)
VGS = -4.5 V, VDD = -10 V,
ID = -0.5 A, RG = 20 W
5.8
ns
Rise Time
tr
6.5
Turn-Off Delay Time
td(OFF)
13.5
Fall Time
tf
3.5
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = -0.48 A
TJ = 25°C
-0.8
-1.2
V
TJ = 125°C
-0.66
3. Pulse Test: pulse width
≤ 300ms, duty cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com