Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4837NH Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4837NH
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4837NH Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4837NH Datasheet HTML 1Page - ON Semiconductor NTMFS4837NH Datasheet HTML 2Page - ON Semiconductor NTMFS4837NH Datasheet HTML 3Page - ON Semiconductor NTMFS4837NH Datasheet HTML 4Page - ON Semiconductor NTMFS4837NH Datasheet HTML 5Page - ON Semiconductor NTMFS4837NH Datasheet HTML 6Page - ON Semiconductor NTMFS4837NH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTMFS4837NH
http://onsemi.com
5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
15
10
5
0
5
10
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
CISS
COSS
TJ = 25°C
CRSS
0
1.5
3
4.5
6
7.5
9
10.5
12
0
5
10
15
20
25
30
35
VDD = 15 V
VGS = 11.5 V
ID = 30 A
TJ = 25°C
QT
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and Drain−to−Source
Voltage vs. Total Gate Charge
1
10
100
1
10
100
tr
td(off)
td(on)
tf
VDS = 15 V
ID = 15 A
VGS = 11.5 V
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (W)
0
5
10
15
20
25
30
0.5
0.6
0.7
0.8
0.9
1.0
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
VGS = 0 V
1
10
100
1000
0.1
1
10
100
100 ms
1 ms
10 ms
dc
RDS(on) Limit
Thermal Limit
Package Limit
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 20 V
Single Pulse
TC = 25°C
10 ms
0
10
20
30
40
50
60
70
80
90
100
110
25
50
75
100
125
150
175
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 31 A
2600
2800
3000
QGS
QGD
120
130
140
150
VGS
VDS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com