Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001IPNP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 23 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 19Page - Texas Instruments XIO2001IPNP Datasheet HTML 20Page - Texas Instruments XIO2001IPNP Datasheet HTML 21Page - Texas Instruments XIO2001IPNP Datasheet HTML 22Page - Texas Instruments XIO2001IPNP Datasheet HTML 23Page - Texas Instruments XIO2001IPNP Datasheet HTML 24Page - Texas Instruments XIO2001IPNP Datasheet HTML 25Page - Texas Instruments XIO2001IPNP Datasheet HTML 26Page - Texas Instruments XIO2001IPNP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 131 page
background image
V
and
DD_15
V
DDA_15
REFCLK
PERST
100 ms
100 ms
V
and
DD_33
V
DDA_33
PCIR
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
3.1.1
Power-Up Sequence
1. Assert PERST to the device.
2. Apply 1.5-V and 3.3-V voltages.
3. Apply PCIR clamp voltage.
4. Apply a stable PCI Express reference clock.
5. To meet PCI Express specification requirements, PERST cannot be deasserted until the following two
delay requirements are satisfied:
Wait a minimum of 100 ms after applying a stable PCI Express reference clock. The 100-ms limit
satisfies the requirement for stable device clocks by the deassertion of PERST.
Wait a minimum of 100 ms after applying power. The 100-ms limit satisfies the requirement for
stable power by the deassertion of PERST.
See the power-up sequencing diagram in Figure 3-2.
Figure 3-2. Power-Up Sequence
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
23
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com