Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3760 Datasheet(PDF) 2 Page - EPCOS

Part # B3760
Description  SAW filter Short range devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3760 Datasheet(HTML) 2 Page - EPCOS

  B3760 Datasheet HTML 1Page - EPCOS B3760 Datasheet HTML 2Page - EPCOS B3760 Datasheet HTML 3Page - EPCOS B3760 Datasheet HTML 4Page - EPCOS B3760 Datasheet HTML 5Page - EPCOS B3760 Datasheet HTML 6Page - EPCOS B3760 Datasheet HTML 7Page - EPCOS B3760 Datasheet HTML 8Page - EPCOS B3760 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
May 19, 2009
B3760
433.92 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Application
s
Low-loss RF filter for remote control receivers
s
Balanced and unbalanced operation possible
Features
s
Package size 3.8 x 3.8 x 1.5 mm3
s
Package code QCC8B
s
RoHS compatible
s
Approximate weight 0.07 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer ELPAS
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration1)
s
1
Input ground (recommended) or input
s
2
Input (recommended) or input ground
s
5
Output (recommended) or output ground
s
6
Output ground (recommended) or output
s
4,8
Case - ground
s
3,7
to be grounded
1) The recommended pin configuration usually offers best
suppression of electrical crosstalk. The filter characteris-
tics refer to this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com