Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5000 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R5000
Description  HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R5000 Datasheet(HTML) 1 Page - Rectron Semiconductor

  R5000 Datasheet HTML 1Page - Rectron Semiconductor R5000 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE RANGE 2500 to 5000 Volts
CURRENT 0.2 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
R2500
THRU
R5000
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.35 gram
2001-6
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50
oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
mAmps
200
30
-65 to + 175
Amps
pF
0 C
UNITS
R2500
2500
R4000
R5000
R3000
4000
3000
5000
1750
2800
2100
3500
2500
4000
3000
5000
30
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
4.0
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.2A DC
Volts
@TA = 25
oC
@TA =100
oC
5.0
50
.375”, (9.5mm) lead length at TL = 75
oC
R2500
R4000
R5000
R3000
30
uAmps
3.0
1.0 (25.4)
MIN.
.230 (5.8)
.300 (7.6)
1.0 (25.4)
MIN.
.140 (3.6)
.104 (2.6)
DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - R5000

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
R5000 MIC-R5000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
R5000 CHONGQING-R5000 Datasheet
38Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shenzhen Ping Sheng Ele...
R5000 PFS-R5000 Datasheet
331Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R5000 DIOTECH-R5000 Datasheet
704Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Micro Commercial Compon...
R5000 MCC-R5000 Datasheet
221Kb / 2P
200 mA High Voltage Silicon Rectifier 4000 to 5000 Volts
More results

Similar Description - R5000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
Rectron Semiconductor
02N17 RECTRON-02N17 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FM2500W RECTRON-FM2500W Datasheet
22Kb / 2P
HIGH VOLTAGE RECTIFIER VOLTAGE 2500 Volts CURRENT 0.15 Ampere
logo
WILLAS ELECTRONIC CORP
R2500F WILLAS-R2500F Datasheet
454Kb / 2P
VOLTAGE RANGE 2500 to 5000 volts CURRENT 0.2 Ampere
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
Rectron Semiconductor
R2500 RECTRON-R2500_10 Datasheet
413Kb / 5P
HIGH VOLTAGE SILICON RECTIFIER Volts CURRENT 0.2 Ampere
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com