Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACUSBVB-D2Y6R Datasheet(PDF) 7 Page - ON Semiconductor

Part # PACUSBVB-D2Y6R
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D2Y6R Datasheet(HTML) 7 Page - ON Semiconductor

  PACUSBVB-D2Y6R Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 7Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 8Page - ON Semiconductor PACUSBVB-D2Y6R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACUSBVBD1/D2/D3
Rev. 2 | Page 7 of 9 | www.onsemi.com
Application Information
The PACUSBVB-D1/D2/D3 provides a complete interface for a single downstream USB port typically found in
computers and USB hubs. It integrates the series resistors (R1) and the 15kW pull-down resistors (R2) for both
USB data lines (D+ and D-) as well as the capacitors to ground for EMI suppression. Zener diodes provide ESD
protection up to 15kV contact discharge per the IEC 61000-4-2 standard and protect the USB controller on both
data lines. The 6-lead PACUSBVB-D1/D2/D3 device provides an additional zener diode to protect the VBUS
USB power line.
The PACUSBVB-D1/D2/D3 should be placed on the PCB between the USB controller and the USB connector,
as shown on the Connection Diagram Connection
Diagram for PACUSBVB-D1/D2/D3.
Figure 5.
Connection Diagram for PACUSBVB-D1/D2/D3
To guarantee the best ESD and filtering performance, it is recommended that the PACUSBVB-D1/D2/D3 be
located close to the USB connector. Also, the trace lengths between the PACUSBVB-D1/D2/D3 and the USB
controller should be kept as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com