Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS56 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS56
Description  High-speed double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS56 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS56 Datasheet HTML 1Page - NXP Semiconductors BAS56 Datasheet HTML 2Page - NXP Semiconductors BAS56 Datasheet HTML 3Page - NXP Semiconductors BAS56 Datasheet HTML 4Page - NXP Semiconductors BAS56 Datasheet HTML 5Page - NXP Semiconductors BAS56 Datasheet HTML 6Page - NXP Semiconductors BAS56 Datasheet HTML 7Page - NXP Semiconductors BAS56 Datasheet HTML 8Page - NXP Semiconductors BAS56 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1996 Sep 10
4
NXP Semiconductors
Product data sheet
High-speed double diode
BAS56
ELECTRICAL CHARACTERISTICS
Tj = 25 °C; unless otherwise specified.
Note
1.
Tamb = 25 °C; device has reached the thermal equilibrium when mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3; IF = 200 mA; DC value;
note 1
−
1.0
V
IR
reverse current
see Fig.5
VR = 60 V
−
100
nA
VR = 60 V; Tj = 150 °C
−
100
μA
IR
reverse current
series connection
−
VR = 120 V
−
100
nA
VR = 120 V; Tj = 150 °C
−
100
μA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
2.5
pF
trr
reverse recovery time
when switched from IF = 400 mA to
IR = 400 mA; RL = 100 Ω;
measured at IR = 40 mA; see Fig.7
−
6
ns
Vfr
forward recovery voltage
when switched from IF = 400 mA;
tr = 30 ns; see Fig.8
−
2.0
V
when switched from IF = 400 mA;
tr = 100 ns; see Fig.8
−
1.5
V
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
360
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com