Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL821 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RL821
Description  SOFT RECOVERY/FAST SWITCHING RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL821 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RL821 Datasheet HTML 1Page - Rectron Semiconductor RL821 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOFT RECOVERY/FAST SWITCHING RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.70 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RL820
THRU
RL826
R-6
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 1.0A, VR = 30V.
2. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead length.
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
R
θJA
TJ, TSTG
VRMS
Amps
5.0
300
10
-65 to + 150
Amps
0 C/ W
0 C
RL820
UNITS
50
Volts
Volts
Volts
RL820
RL820
RL820
RL820
100
200
400
600
35
70
140
280
420
50
100
200
400
600
Maximum Reverse Recovery Time (Note 1)
IR
trr
200
nSec
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
VF
SYMBOL
25
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
RL820
RL820
RL820
RL820
RL820
UNITS
1.3
.360 (9.1)
.340 (8.6)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.340 (8.6)
.360 (9.1)
1.0 (25.4)
MIN.


Similar Part No. - RL821

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL822-100K-RC BOURNS-RL822-100K-RC Datasheet
181Kb / 1P
Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL822-101K-RC BOURNS-RL822-101K-RC Datasheet
181Kb / 1P
Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL822-102K-RC BOURNS-RL822-102K-RC Datasheet
181Kb / 1P
Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL822-120K-RC BOURNS-RL822-120K-RC Datasheet
181Kb / 1P
Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL822-121K-RC BOURNS-RL822-121K-RC Datasheet
181Kb / 1P
Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
More results

Similar Description - RL821

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED502T PANJIT-ED502T Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 5.0 Amperes)
ED502YT PANJIT-ED502YT Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 5.0 Amperes)
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
MR850 PANJIT-MR850 Datasheet
53Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
FR201 RECTRON-FR201 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
RL850 RECTRON-RL850 Datasheet
29Kb / 2P
SOFT RECOVERY/FAST SWITCHING RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Rectron Semiconductor
SF51CK RECTRON-SF51CK Datasheet
212Kb / 4P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com