Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356 Datasheet(PDF) 1 Page - 3M Electronics

Part # 356
Description  3M™ Power Clamp Header
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

356 Datasheet(HTML) 1 Page - 3M Electronics

  356 Datasheet HTML 1Page - 3M Electronics 356 Datasheet HTML 2Page - 3M Electronics 356 Datasheet HTML 3Page - 3M Electronics 356 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Power Clamp Header
3 mm, Right Angle, 1 and 2 Row, 5 and 10 Contacts
356 Series
• Accepts one or two Power Clamp Wiremount Sockets
• Accepts Branch and Terminator Connectors
• End to end stackable at 25.4 mm pitch on PCB
• Integrated press fit board retention pins retain the
connector to the board during wave soldering
• CC-Link Communication Interconnect Standard
• One Touch latching mechanism maintains a reliable
interconnection in demanding field applications
• Keyed to prevent reverse insertion of Sockets
• Polarization options ensures proper interconnection of
mated connectors
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS compliance" section of
www.3M.com/Interconnects for compliance information
(RIA E1 & C1 apply).
Date Modified: December 20, 2009
TS-2303-B
Sheet 1 of 3
Physical
Insulation:
Body Material: PBT
Flammability: UL 94V-0
Body Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 2.5 µm Ni minimum
Wiping Area: 0.5 µm Au minimum
Solder Tails: Au Flash
Mating Compatability: 355, 357, and 35T series products (with same polarization)
Electrical
Current Rating: 18 AWG: 10A (1 contact/socket); 7A (2 - 5 contacts/socket)
20 AWG: 9A (1 contact/socket); 6A (2 - 5 contacts/socket)
Rating Conditions: 30° C maximum temperature rise
Voltage Rating: 250 V
Insulation Resistance: 103 M
Ω min. at 600VDC
Withstanding Voltage: 1,000 VRMS for 1 minute
Environmental
Process Rating: 260°C maximum for wave solder process
390°C for 3 seconds maximum for soldering iron
Temperature Rating: -20°C to +75°C ambient
UL Rating: 65° C
UL File No: E68080


Similar Part No. - 356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
logo
Intel Corporation
356 INTEL-356 Datasheet
2Mb / 95P
Celeron D Processor
logo
SYC Electronica
356 SYC-356 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
356 ADAFRUIT-356 Datasheet
76Kb / 1P
Breadboard trim potentiometer - 10K
More results

Similar Description - 356

ManufacturerPart #DatasheetDescription
logo
3M Electronics
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
357 3M-357 Datasheet
902Kb / 3P
3M™ Power Clamp Branch Connector
20-Dec-2009
358 3M-358 Datasheet
1Mb / 4P
3M™ Power Clamp Wiremount Plug
20-Dec-2009
91736 3M-91736 Datasheet
424Kb / 5P
3M™ CF Card Header
23-Sep-2005
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
3M Surface Mount Header
08-May-2013
451 3M-451 Datasheet
376Kb / 9P
3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com