Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL856 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RL856
Description  SOFT RECOVERY/FAST SWITCHING RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RL856 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RL856 Datasheet HTML 1Page - Rectron Semiconductor RL856 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( RL850 THRU RL856 )
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2 .4
1.0 2
4
10
20 40 100
TJ = 25
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
4
3
2
1
0
0
25
50
75
100 125
150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TJ = 25
Pulse Width=300uS
1% Duty Cycle
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
10
3.0
1.0
0.3
0.1
.03
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
200
100
50
10
1
5
10
50
100
FIG. 5 - TEST CIRCUIT DIAGRAM
AND REVERSE RECOVERY TIME CHARACTERISTIC
8
7
6
5
4
3
2
1
115Va 10K
60Hz 2W
C.P.CLARE
HPG 1002
30 Vdc
CONSTANT VOLTAGE
SUPPLY
3.8uH/1.4
1 AMP
SLO-BLO
FUSE
C1
1.0uF
300V
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
R2
1
10W
NON-
INDUCTIVE
C1
1.0uF
300V
1.0 Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE = 3mVrms MAX
MINIMIZE ALL LEAD LENGTHS
A-TEKTRONIX 545A. K PLUG IN
PRE AMP P6000 PROBE OR EQUIVALENT
R1-ADJUSTED FOR 1.4
BETWEEN
POINT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
Zout 11/2 MAX
DC to 2kHz
R2-TEN-1W 10
% CARBON CORE
IN PARALLEL
TA = 25
FOR RECTIFIER
10
0
SET TIME BASE FOR
50/100 ns/cm
trr
i(t) di/dt = 50A/uS
IFM 1.0
0
IRM (REC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com