Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5085 Datasheet(PDF) 2 Page - EPCOS

Part # B5085
Description  SAW RF filter for Base Stations GSM 1800
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5085 Datasheet(HTML) 2 Page - EPCOS

  B5085 Datasheet HTML 1Page - EPCOS B5085 Datasheet HTML 2Page - EPCOS B5085 Datasheet HTML 3Page - EPCOS B5085 Datasheet HTML 4Page - EPCOS B5085 Datasheet HTML 5Page - EPCOS B5085 Datasheet HTML 6Page - EPCOS B5085 Datasheet HTML 7Page - EPCOS B5085 Datasheet HTML 8Page - EPCOS B5085 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
April 07, 2008
B5085
1747.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Preliminay Data-sheet
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAIL SPEC CHANGES
DATE
DGLI15AS01
0.1
S. Chamaly
Initial release
19.11.2007
DGLI15AS02
0.2
S. Chamaly
Package change to DCC6C
21.11.2007
B5085
1.0
S. Chamaly
Preliminary data-sheet
20.03.2008
B5085
1.1
S. Chamaly
Introduction of specification above 2GHz
07.04.2008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com