Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL228 Datasheet(PDF) 2 Page - SIXNET Technology Park

Part # EL228
Description  Heavy Industrial Ethernet Managed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

EL228 Datasheet(HTML) 2 Page - SIXNET Technology Park

  EL228 Datasheet HTML 1Page - SIXNET Technology Park EL228 Datasheet HTML 2Page - SIXNET Technology Park EL228 Datasheet HTML 3Page - SIXNET Technology Park EL228 Datasheet HTML 4Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FLEXIBLE. RELIABLE. POWERFUL.
FEATURES & BENEFITS
Rugged, Reliable Operation
• Supports deployment in extreme environments
• Provides high reliability in the toughest
applications
– Heavy industrial ratings for power, traffic,
railway and hazloc applications
– KEMA approved for IEC 61850 & IEEE 1613
– Superior EMC performance and EMI immunity
– -40 to +85°C operating temperature (no fans)
– Rugged corrosion-resistant metal enclosure
– Sealed IP50 protects against dust, dirt
and debris
– UL/CSA (pending), FCC and CE compliant
– Dual-redundant AC or DC power supplies
Advanced Networking & Redundancy
• Ensures fast recovery from faults
• Prioritizes handling of mission-critical data
– Real-Time-Ring™ for fast redundant rings
– RSTP (Rapid Spanning Tree) provides
complex redundancy
– MSTP (Multiple Spanning Tree) per-VLAN
redundancy
– VLAN (GVRP, Q-in-Q) for convenient traffic
segregation
– LACP (Link Aggregation) increases bandwidth
– IGMP for multicast filtering (snooping
and querying)
– QoS/CoS/DS provides real-time message
prioritization
– Jumbo frame (10K) support on Gigabit ports
– Virtual stacking for up to 36 EL228 switches
Universal Mounting
• Lowers overall cost of ownership
• Maximizes efficiency - one model does it all
– Universal mounting supports both front and
reverse wiring
– Status LEDs on front and back of switch for
easy viewing
– Console RS232 port on front and back of
switch for local management
– Space efficient 1U rack-mount design fits onto
EIA, WECO and ETSI racks from 19” to 24”
Powerful Management & Monitoring
• Simplifies configuration and management
• Provides fast and easy troubleshooting
– Easy configuration via Web or CLI
– SNMPv1, v2, v3 network management
– LLDP for universal network identification
– sFlow for network-level monitoring
– RMON and port mirroring for advanced
diagnostics
– Event/Error/System logging and system
monitoring
– UPnP, OAM and Banner support
– Dual firmware upgrade system
– Relay output contact to signal alarms
Ultimate Port Flexibility
• Simplifies on-site configuration
• Reduces “fork-lift” upgrades
– 28 total Ethernet ports (24 + 4G)
o
2 Gig RJ45 ports support auto
10/100/1000 Mbps
o
2 Gig RJ45/SFP combo ports for copper
or fiber links
o
24 fast SFP ports - mix 100M fiber
or 10/100 copper
– Fiber transceivers support multimode,
singlemode, bi-directional single-strand
and long haul up to 120km
– Up to 26 total noise-immune fiber optic ports
Advanced Cyber Security
• Prevents against unauthorized access
• Protects from unwanted intrusion
– Static and dynamic port security
– Authentication - SNMPv3, 802.1x, RADIUS,
TACACS+ AAA/3.0, Web and MAC
– Encryption - MD5, TLS, TTLS, TACACS+
AAA/3.0
– Access Control List (ACL) per IP/MAC/VLAN/
TCP/UDP
– Secure Web (HTTPS/SSL) and Telnet (SSH)
– Rate limiting and multicast storm protection
– IP Source Guard, DHCP Snooping and
Option 82
EL228 Rack-Mount
Heavy Industrial Ethernet Managed Switch
INDUSTRIAL CONNECTIVITY
Sixnet’s industrial Ethernet switches
combine enterprise-class performance
with rugged reliability to provide a “best of
both worlds” solution for many of today’s
industrial applications. Our hardened
switches are ideally suited for harsh and
outdoor environments that include power
substations, Smart Grid, military, utility,
transportation and other industries where
real-time performance under extreme
operating conditions is required. Built-in
redundancy coupled with advanced security
and network management ensures the
infrastructure stays up and running while
providing tools for monitoring and tracking.
APPLICATIONS
SmartGrid
Power Substation
Power Distribution
Wind Energy
Solar Power
RailwayInstallations
TrafficControlSystems
HazardousLocations
VideoSurveillance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com