Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5127 Datasheet(PDF) 3 Page - EPCOS

Part # B5127
Description  SAW filter WCDMA Band I
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5127 Datasheet(HTML) 3 Page - EPCOS

  B5127 Datasheet HTML 1Page - EPCOS B5127 Datasheet HTML 2Page - EPCOS B5127 Datasheet HTML 3Page - EPCOS B5127 Datasheet HTML 4Page - EPCOS B5127 Datasheet HTML 5Page - EPCOS B5127 Datasheet HTML 6Page - EPCOS B5127 Datasheet HTML 7Page - EPCOS B5127 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 30, 2009
B5127
1950.0 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –33 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1950.0
—
MHz
Maximum insertion attenuation
α
max
fC ± 10.0 MHz
—
2.5
3.0
dB
Amplitude ripple (p-p)
∆α
fC ± 10.0 MHz
—
0.5
1.0
dB
Input VSWR
fC ± 10.0 MHz
—
1.7:1
2.0:1
Output VSWR
fC ± 10.0 MHz
—
1.6:1
2.0:1
Group Delay Ripple (p-p)
∆τ
fC ± 10.0 MHz
—
5
15
ns
Attenuation
α
abs
800.0 ...
960.0 MHz
37.0
47.0
—
dB
1160.0 ... 1220.0 MHz
43.0
55.0
—
dB
1540.0 ... 1600.0 MHz
36.0
44.0
—
dB
1730.0 ... 1790.0 MHz
30.0
39.0
—
dB
1884.5 MHz
30.0
33.0
—
dB
1900.0 MHz
30.0
40.0
—
dB
1919.6 MHz
6.5
9.5
—
dB
2110.0 ... 2170.0 MHz
32.0
38.0
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com