Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBB Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMBB
Description  AC Filter 2-Stage, Broad Band Attenuation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBB Datasheet(HTML) 1 Page - Schurter Inc.

  FMBB Datasheet HTML 1Page - Schurter Inc. FMBB Datasheet HTML 2Page - Schurter Inc. FMBB Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FMBB
www.schurter.com/pg06_
EMC Products
AC Filter 2-Stage, Broad Band Attenuation
Description
-Chassis:
Screw-onmounting,fromtop
-Line-filterinstandardversion,2positions,veryhighattenuation
-Veryhighsymmetricalandasymmetricalattenuationlossinthefre-
quencyrangefrom10kHzupto30MHz
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Designedforhighcurrentapplications
-Protectionagainstinterferencevoltagefromthemains
Possibleinterferencesgeneratedintheequipmentarestronglyattenu-
ated
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Versionwithwireconnection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
8-25A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
8-25A@Ta40°C/125VAC;60Hz
LeakageCurrent
industrial<3.5mA(V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Screw
Material:Housing
Metal
LineFilter
StandardandIndustrialVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - FMBB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBB4148 FCI-FMBB4148 Datasheet
76Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
List of Unclassifed Man...
FMBB914 ETC1-FMBB914 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBB914 FCI-FMBB914 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
More results

Similar Description - FMBB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAB SCHURTER-FMAB Datasheet
410Kb / 2P
AC Filter, Broad Band Attenuation
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
AC Filter 2-Stage, Broad Band Attenuation
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
AC Filter, Broad Band Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com