Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9MP Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9MP
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9MP Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9MP Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
General Description
21
Technical Data — MC68HC705P9
Section 1. General Description
1.1 Contents
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
1.3
Programmable Options. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
1.4
Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
1.2 Features
Features of the MC68HC705P9 include:
•
Four peripheral modules
–
16-bit input capture/output compare timer
–
Synchronous serial I/O port (SIOP)
–
4-channel, 8-bit analog-to-digital converter (ADC)
–
Computer operating properly (COP) watchdog
•
20 bidirectional input/output (I/O) port pins and one input-only port
pin
•
On-chip oscillator with connections for:
–
Crystal
–
Ceramic resonator
–
External clock
•
2104 bytes of EPROM/OTPROM
–
48 bytes of page zero EPROM/OTPROM
–
Eight locations for user vectors
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com