Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF4 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GRF4
Description  IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GRF4 Datasheet(HTML) 1 Page - Schurter Inc.

  GRF4 Datasheet HTML 1Page - Schurter Inc. GRF4 Datasheet HTML 2Page - Schurter Inc. GRF4 Datasheet HTML 3Page - Schurter Inc. GRF4 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power Entry Modules with Line Filter
GRF4
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
GRF4: with shield and line filter
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Snap-inversionfromrear-side
-3Functions:
ApplianceInletProtectionclassI,withEMC-shield,Linefilterinstan-
dardandmedicalversion
-Alternative:versionwithoutlinefilterGRF2
Approvals
-VDELicenseNumber:102348
-ULLicenseNumber:E72928
-CSALicenseNumber:701867
Characteristics
-Timesaving"LockandShield"snap-indesignforrear-panelmounting
-Allsingleelementsarealreadywired
-InnovativeEMC-shieldingwithflexiblesteelsegmentsforanexcellent
contacttothepanel
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Panelthickness1.2mmand2.0mm
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
0.5-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
0.5-15A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals4.8x0.8mm
PanelThicknesss
Snap-in:1.5mm
(otheronrequest)
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>3'300'000hacc.toMIL-HB-217F
Dimensions
GRF4
S
24.2
4.8+0.2
±0.1
1)
±0.3
6.13
4.8x0.8
1)
30.25
24.3
31.4
1) Terminal for earth screw M4
30.5
M4
±0.1
max. R1.5
This area must be conductive for optimal
shielding. Do not apply paint or coatings.


Similar Part No. - GRF4

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRF4 SCHURTER-GRF4 Datasheet
583Kb / 5P
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
GRF4 SCHURTER-GRF4 Datasheet
597Kb / 5P
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
04.01.2022
GRF4.0419.013.C SCHURTER-GRF4.0419.013.C Datasheet
597Kb / 5P
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
04.01.2022
logo
Guerrilla RF, Inc.
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
More results

Similar Description - GRF4

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRF2 SCHURTER-GRF2 Datasheet
354Kb / 3P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
5110 SCHURTER-5110 Datasheet
659Kb / 5P
IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
IEC Appliance Inlet C14 with Filter
GRF2 SCHURTER-GRF2_18 Datasheet
229Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
GRF4 SCHURTER-GRF4_18 Datasheet
583Kb / 5P
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
IEC Appliance Inlet C14 with Filter
GRF4 SCHURTER-GRF4_V01 Datasheet
597Kb / 5P
IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
04.01.2022
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
GRF2 SCHURTER-GRF2_V01 Datasheet
240Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com