Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5215 Datasheet(PDF) 3 Page - EPCOS

Part # B5215
Description  SAW IF filter LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5215 Datasheet(HTML) 3 Page - EPCOS

  B5215 Datasheet HTML 1Page - EPCOS B5215 Datasheet HTML 2Page - EPCOS B5215 Datasheet HTML 3Page - EPCOS B5215 Datasheet HTML 4Page - EPCOS B5215 Datasheet HTML 5Page - EPCOS B5215 Datasheet HTML 6Page - EPCOS B5215 Datasheet HTML 7Page - EPCOS B5215 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 27, 2010
B5215
358.4 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-33 to 85 ˚C
Terminating source impedance:
ZS =
200
Ω bal. and matching network
Terminating load impedance:
ZL =
200
Ω bal. and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
358.4
—
MHz
Minimum insertion attenuation
α
min
(including matching network)
—
11.0
12.5
dB
Passband width
B1.0dB
α
rel ≤ 1.0 dB
19.2
22.9
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 9.6 MHz
—
0.4
1.0
dB
Phase ripple (p-p)
∆ϕ
fN ± 9.6 MHz
—
4.0
—
˚
Phase ripple (rms)
∆ϕ
fN ± 9.6 MHz
—
1.2
—
˚
Group delay ripple (p-p)
∆τ
fN ± 9.6 MHz
—
30
100
ns
Absolute group delay
τ
mean
mean within
fN ± 9.6 MHz
—
0.57
0.60
µs
EVM
QPSK signal (3.84 MHz) within passband
—
1
3
%
Relative attenuation (relative to
α
min)
α
rel
fN ±
15.0
...
fN ±
16.0 MHz
5
10
—
dB
fN ±
16.0
...
fN ±
16.6 MHz
10
20
—
dB
fN ±
16.6
...
fN ±
17.2 MHz
15
25
—
dB
fN ±
17.2
...
fN ±
17.7 MHz
20
30
—
dB
fN ±
17.7
...
fN ±
23.0 MHz
25
35
—
dB
fN ±
23.0
...
fN ±
30.7 MHz
30
40
—
dB
fN ±
30.7
...
fN ±
51.0 MHz
40
50
—
dB
fN − 300.0 ...
fN −
51.0 MHz
60
65 1)
—
dB
fN +
51.0
...
fN + 300.0 MHz
55
60 1)
—
dB
530.0
...
555.0 MHz
65
70 1)
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com