Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5217 Datasheet(PDF) 3 Page - EPCOS

Part # B5217
Description  SAW IF filter Clean up filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5217 Datasheet(HTML) 3 Page - EPCOS

  B5217 Datasheet HTML 1Page - EPCOS B5217 Datasheet HTML 2Page - EPCOS B5217 Datasheet HTML 3Page - EPCOS B5217 Datasheet HTML 4Page - EPCOS B5217 Datasheet HTML 5Page - EPCOS B5217 Datasheet HTML 6Page - EPCOS B5217 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 11, 2009
B5217
491.52 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25
max.
Nominal frequency
fN
—
491.52
—
MHz
Insertion attenuation at fN (T=25˚C)
α
n
6.0
7.0
8.0
dB
Variation of Insertion att.
(rel. to α
n)
α
rel
——
±0.9
dB
Passband bandwidth
α
rel <= 3 dB
B3dB
1.0
1.67
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 0.1 MHz
—
0.3
0.5
dB
Relative attenuation
(relative to α
n)
α
rel
fN -200.00 MHz ... fN - 10.00 MHz
40
46
—
dB
fN -10.00 MHz ... fN -
3.00 MHz
35
44
—
dB
fN + 3.00 MHz ... fN + 10.00 MHz
35
43
—
dB
fN + 10.00 MHz ... fN +200.00 MHz
40
48
—
dB
Temperature coefficient of frequency1)
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
—
-0.036
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com