Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSP2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSP2
Description  IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSP2 Datasheet(HTML) 2 Page - Schurter Inc.

  GSP2 Datasheet HTML 1Page - Schurter Inc. GSP2 Datasheet HTML 2Page - Schurter Inc. GSP2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors (Inlets/Outlets)
GSP2
www.schurter.com/pg07
Connectors
Snap-in mounting
with insulation cover
Screw on PCB mounting
max.R5.9
30.3
+0.2
0
Rear panel mounting
max.R4
27.5
+0.2
0
Sandwich mounting
Drilling diagrams
Drilling diagram
27±0.15
7 ±0.05
7 ±0.05
d1 = 6 ± 0.05 for Snap-in mounting
d1 = 3.6 ± 0.05 for screw-on mounting
with self-tapping screws
3 mm (EJOT-PT), 2 screws enclosed
Variants
Protection Class
Panel mounting
Panel Thickness
s [mm]
Ground terminal 4.8 x 0.8 mm
Cover
Order Number
1
Screw
1
angled to pin axis
GSP2.9103.11
1
Screw
1.5
angled to pin axis
GSP2.9103.13
1
Screw
2
angled to pin axis
GSP2.9103.14
1
Screw
2.5
angled to pin axis
GSP2.9103.15
1
Screw
3
angled to pin axis
GSP2.9103.16
1
Screw
1.5
angled to pin axis
l
GSP2.9113.13
1
Screw
2
angled to pin axis
l
GSP2.9113.14
1
Screw
2.5
angled to pin axis
l
GSP2.9113.15
1
Screw
3
angled to pin axis
l
GSP2.9113.16
1
Snap-in
1
angled to pin axis
GSP2.9203.11
1
Snap-in
1.2
angled to pin axis
GSP2.9203.12
1
Snap-in
1.5
angled to pin axis
GSP2.9203.13
1
Snap-in
2
angled to pin axis
GSP2.9203.14
1
Snap-in
2.5
angled to pin axis
GSP2.9203.15
1
Snap-in
2.5
angled to pin axis
GSP2.9213.15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com