Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS403LF Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 84Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 85Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 86Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 87Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 88Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 89Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 90Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 91Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
88
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
SIOA10/7
SIOA0
Address
0
0
4A
0
1
6A
1
0
224
1
1
276
Table 5. Serial Port Addresses
5.4.1 Data Transfer via Serial Interface
If a slave device, such as the FS400 does not acknowledge the master device during a write sequence,
SIODATA remains HIGH so the master can generate a stop signal. If the master device does not
acknowledge the FS400 during a read sequence, the FS400 interprets this as “end of data”. SIODATA
remains HIGH so the master can generate a stop signal.
To write data to a specific FS400 control register, the 8-bit pointer must be loaded with the address of the
target control register after the slave address has been established. Value of the pointer is the base
address for subsequent write operations. The pointer address auto-increments by after each control
register data transfer. If more bytes are transferred than there are available addresses, the address will
not increment and remain at its maximum value of 6 and send an acknowledge signal, ACK.
Data is read from the control registers of the FS400 in a similar manner, except that two data transfer
operations are required:
1.
Write the slave address byte with bit R/W = L.
2.
Write the pointer byte.
3.
Write the slave address byte with bit R/W = H
4.
Read the control register indexed by the pointer.
Preceding each slave write, there must be a start cycle. Following the pointer byte there should be a stop
cycle. Sequential registers may be accessed by repeated read cycles since pointer auto-increments after
each byte transfer. After the last read, there must be a stop cycle comprising a LOW-to-HIGH transition
of SIODATA while SIOCLK is HIGH. (see Figure 16, right waveform)
A repeated start signal occurs when the master device driving the serial interface generates a start signal
without first generating a stop signal to terminate the current communication. This is used to change the
mode of communication (read, write) between the slave and master without releasing the serial interface
lines.
5.4.2 Serial Interface Read/Write Examples
Examples below show how serial bus cycles can be linked together for single and multiple register read
and write access cycles. For sequential register accesses, each ACK handshake initiates further
SIOCLK clock cycles from the master to transfer the next data byte.
5.4.2.1 Write to one control register
Start signal
Slave Address byte (R/W bit = LOW)
Pointer Address byte
Data byte to register
Stop signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com