Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSMF48824GP-R5MAS1C1A-D Datasheet(PDF) 2 Page - OptoSupply International

Part # OSMF48824GP-R5MAS1C1A-D
Description  LED Ribbon Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMF48824GP-R5MAS1C1A-D Datasheet(HTML) 2 Page - OptoSupply International

  OSMF48824GP-R5MAS1C1A-D Datasheet HTML 1Page - OptoSupply International OSMF48824GP-R5MAS1C1A-D Datasheet HTML 2Page - OptoSupply International OSMF48824GP-R5MAS1C1A-D Datasheet HTML 3Page - OptoSupply International OSMF48824GP-R5MAS1C1A-D Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Model No.
OSMF48824GP-
XXXXS1C1A-D
REV.
C2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
R5MAS1C1A -X
Red
625±5nm
1000 mcd
O5MAS1C1A -X
Orange
605±5nm
1000 mcd
Y5MAS1C1A -X
Yellow
590±5nm
1000 mcd
G5DAS1C1A -X
Green
530±5nm
900 mcd
B5SAS1C1A -X
Blue
475±5nm
400 mcd
W5SAS1C1A -X
White
X=0.27 ; Y=0.28
1500 mcd
M5SLS1C1A -X
Warm White
X=0.45 ; Y=0.41
1000 mcd
K5SLS1C1A -X
Pink
X=0.45 ; Y=0.17
300 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC)
Vidc
14
V
Input Current (DC)
Ii
240
mA
Power Dissipation
Pa
3.36
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
1.82
3.36
w
Input Voltage(DC)
Vi
-
12
14
V
Product input Current
If
-
160
240
mA
Beam Pattern
BP
-
120
-
Deg
Total Length of Modules
(Including Pin)
Lmod.
-
480
-
mm
Net Weight
Wei.
---
3
---
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com