Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFMCJ Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TFMCJ
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TFMCJ Datasheet(HTML) 1 Page - Rectron Semiconductor

  TFMCJ Datasheet HTML 1Page - Rectron Semiconductor TFMCJ Datasheet HTML 2Page - Rectron Semiconductor TFMCJ Datasheet HTML 3Page - Rectron Semiconductor TFMCJ Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Plastic package has underwriters laboratory
* Glass passivated chip construction
* 1500 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
TVS
TFMCJ
SERIES
DO-214AB
1500 WATT PEAK POWER 1.0 WATT STEADY STATE
GPP TRANSIENT VOLTAGE SUPPRESSOR
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types TFMCJ5.0 thru TFMCJ170
Electrical characteristics apply in both direction
1998-8
Ratings at 25
oC ambient temperature unless otherwise specified.
3. Lead temperature at TL = 25
oC
NOTES :
2. Mounted on 0.31 X 0.31”( 8.0 X 8.0mm) copper pad to each terminal.
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
4. Measured on 8.3mS single half sine-wave duty cycle = 4 pules per minute maximum.
5. VF = 3.5V on TFMCJ-5.0 thru TFMCJ-90 devices and VF = 5.0V on TFMCJ-100 thru TFMCJ-170 devices.
RATINGS
Steady State Power Dissipation at TL = 75
oC (Note 2)
Peak Pulse Current with a 10/1000uS waveform ( Note 1, Fig.3 )
Maximum Instantaneous Forward Voltage at 100A for unidirectional
only (Note 3,4)
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-55 to + 150
0 C
UNITS
Amps
Peak Power Dissipation with a 10/1000uS (Note 1,2, Fig.1)
Minimum 1500
100
SEE NOTE 3,4
VALUE
Operating and Storage Temperature Range
PPPM
Watts
IPPM
Amps
SEE TABLE 1
Peak Forward Surge Current 8.3mS single half sine-wave
superimposed on rated load (JEDEC method) (Note 2,3)
unidirectional only
PM(AV)
5.0
Watts
Back


Similar Part No. - TFMCJ

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TFMC684 TEWS-TFMC684 Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-10R TEWS-TFMC684-10R Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-20R TEWS-TFMC684-20R Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC684-DOC TEWS-TFMC684-DOC Datasheet
171Kb / 2P
32 Differential Channel FMC Mezzanine Module
2017-08-24
TFMC900 TEWS-TFMC900 Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
More results

Similar Description - TFMCJ

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6FMBJ RECTRON-P6FMBJ Datasheet
1Mb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMAJ RECTRON-TFMAJ Datasheet
989Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com