Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAPC322 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RAPC322
Description  POWER INLET SOCKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RAPC322 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RAPC322 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
PRODUCT
BULLETIN
526
POWER INLET SOCKET
RAPC322
POWER INLET SOCKET
Switchcraft introduces the RAPC322, an IEC320 inlet
developed as a low power interconnect used in a
variety of applictions. The RAPC322 is molded from
94-VO rated material, is UL recognized, and meets a
wide variety of approvals including CSA and VDE. The
RAPC is rated at 2.5A at 250V. Applications for the
RAPC322 include notebook computers, medical de-
vices, and data communications products.
Features and Benefits
Snap-in feet facilitate wave soldering
Top and side slots allow chassis to
captivate connector
Conforms to EN 60320-1/2
Markets
Appliance Inlet
Personal Computer
Data Communications
Medical Equipment
Test Equipment
Instrumentation
Specifications
General
Current Rating: 5A, UL and CSA
2.5A, VDE and SEMKO
Nominal Voltage: 250V
Temperature Range: - 55°C to 65°C
Dielectric Strength: 2000V @ 1 minute
Materials
Housing: Black, molded thermoplastic,
UL 94V-0
Male Pins: Copper alloy, nickel plated
PC Terminals: Copper alloy, tin plated


Similar Part No. - RAPC322

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322 Datasheet
106Kb / 1P
Power Inlet Socket
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
Power Inlet Socket
More results

Similar Description - RAPC322

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF-3DZ2 ADAM-TECH-PLF-3DZ2 Datasheet
91Kb / 1P
EMI/RFI POWER LINE FILTERS INLET SOCKET WITH FLANGE MOUNTING
PLF-10DZ2R ADAM-TECH-PLF-10DZ2R Datasheet
94Kb / 1P
EMI/RFI POWER LINE FILTERS FUSED INLET SOCKET WITH FLANGE MOUNTING
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
Power Inlet Socket
logo
Tyco Electronics
6ESRM-P MACOM-6ESRM-P_11 Datasheet
253Kb / 2P
Power Inlet Connectors
logo
List of Unclassifed Man...
BVA01Z000001 ETC2-BVA01Z000001 Datasheet
90Kb / 2P
POLYSNAP POWER INLET MODULES
logo
TE Connectivity Ltd
SR TEC-SR_V01 Datasheet
253Kb / 2P
Power Inlet Connectors
logo
Adam Technologies, Inc.
PLF-11A1-10A-Q ADAM-TECH-PLF-11A1-10A-Q Datasheet
329Kb / 2P
EMIRF POWER FILTER, INLET SOCKET, W/FLANGE MOUNTING
Rev. A
PLF-11A1-6A-Q ADAM-TECH-PLF-11A1-6A-Q Datasheet
326Kb / 2P
EMIRF POWER FILTER, INLET SOCKET, W/FLANGE MOUNTING
Rev. B
PLF-11B2-10A-Q ADAM-TECH-PLF-11B2-10A-Q Datasheet
329Kb / 2P
EMI/RF POWER FILTER, FUSED - INLET SOCKET W/FLANGE MOUNTING
Rev. A
PLF-11B2-6A-Q-R5 ADAM-TECH-PLF-11B2-6A-Q-R5 Datasheet
324Kb / 2P
EMIRF POWER FILTER, FUSED INLET SOCKET, W/FLANGE MOUNTING
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com