Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9415 Datasheet(PDF) 3 Page - EPCOS

Part # B9415
Description  SAW filter GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9415 Datasheet(HTML) 3 Page - EPCOS

  B9415 Datasheet HTML 1Page - EPCOS B9415 Datasheet HTML 2Page - EPCOS B9415 Datasheet HTML 3Page - EPCOS B9415 Datasheet HTML 4Page - EPCOS B9415 Datasheet HTML 5Page - EPCOS B9415 Datasheet HTML 6Page - EPCOS B9415 Datasheet HTML 7Page - EPCOS B9415 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 23, 2009
B9415
1575.42 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.6
1.01)
1) 0.9dB max. at -30 ˚C ... 75 ˚C
dB
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.0
0.3
dB
Input VSWR
1574.42 ... 1576.42 MHz
—
1.2
1.62)
2) 1.5 max. at -30 ˚C ... 75 ˚C
Output VSWR
1574.42 ... 1576.42 MHz
—
1.2
1.63)
3) 1.5 max. at -30 ˚C ... 75 ˚C
Attenuation
α
500.0
...
894.0
MHz
16
18
—
dB
894.0
... 1500.0
MHz
15
17
—
dB
1650.0
... 4000.0
MHz
17
19
—
dB
4000.0
... 6000.0
MHz
15
20
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com