Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9429 Datasheet(PDF) 3 Page - EPCOS

Part # B9429
Description  SAW filters for mobile communications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9429 Datasheet(HTML) 3 Page - EPCOS

  B9429 Datasheet HTML 1Page - EPCOS B9429 Datasheet HTML 2Page - EPCOS B9429 Datasheet HTML 3Page - EPCOS B9429 Datasheet HTML 4Page - EPCOS B9429 Datasheet HTML 5Page - EPCOS B9429 Datasheet HTML 6Page - EPCOS B9429 Datasheet HTML 7Page - EPCOS B9429 Datasheet HTML 8Page - EPCOS B9429 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
March 09, 2009
B9429
2450.0 MHz
SAW Components
SAW WLAN filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= +25 ˚C
Terminating source impedance:
ZS =
50
Ω − 2.0 nH
Terminating load impedance:
ZL = 180Ω || 9.5 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2450.0
—
MHz
Maximum insertion attenuation
α
max
2400.0
... 2500.0
MHz
—
2.4
2.9 1)
1) including a pcb loss of 0.2dB
dB
Amplitude ripple (p-p)
∆α
2400.0
... 2500.0
MHz
—
0.7
1.5
dB
Input VSWR
2400.0
... 2500.0
MHz
—
1.7
2.0
Output VSWR
2400.0
... 2500.0
MHz
—
1.7
2.0
Attenuation
α
100.0
...
960.0
MHz
55
59
—
dB
960.0
... 1800.0
MHz
40
44
—
dB
1800.0
... 2100.0
MHz
40
44
—
dB
2100.0
... 2170.0
MHz
40
44
—
dB
2170.0
... 2250.0
MHz
20
44
—
dB
2650.0
... 2800.0
MHz
20
31
—
dB
2800.0
... 4000.0
MHz
25
36
—
dB
4000.0
... 6000.0
MHz
30
50
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com