Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25655 Datasheet(PDF) 5 Page - EPCOS

Part # B25655
Description  PCC series for Mild HEV HybridPACK??
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25655 Datasheet(HTML) 5 Page - EPCOS

  B25655 Datasheet HTML 1Page - EPCOS B25655 Datasheet HTML 2Page - EPCOS B25655 Datasheet HTML 3Page - EPCOS B25655 Datasheet HTML 4Page - EPCOS B25655 Datasheet HTML 5Page - EPCOS B25655 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Film capacitors – Power electronic capacitors
B25655J4307K**1
PCC series for Mild HEV HybridPACK™1
B25655
Preliminary data
FK PC OH PCC
October 2009
Please read Cautions and warnings and
Page 5 of 6
Important notes at the end of this document.
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all.
Check tightness of the connections/terminals periodically.
The energy stored in capacitors may be lethal. To prevent any chance of shock, discharge and
short-circuit the capacitor before handling.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Safety
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or
property damage may result from bursting of the capacitor or from expulsion of melted material
due to mechanical disruption of the capacitor.
Ensure good, effective grounding for capacitor enclosures.
Observe appropriate safety precautions during operation (self recharging phenomena and the
high energy stored in capacitors).
Handle capacitors carefully, because they may still be charged even after disconnection.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Thermal load
After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not
exceeded at extreme service conditions.
Mechanical protection
The capacitor has to be installed in a way that mechanical damages and dents in the case are
avoided.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali,
salt or the like are present. In dusty environments regular maintenance and cleaning especially of the terminals
is required to avoid conductive path between phases and/or phases and ground.
Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing
capacitors too. The maximum service life expectancy may vary depending on the application the
capacitor is used in.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com