Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25655 Datasheet(PDF) 4 Page - EPCOS

Part # B25655
Description  PCC series for Full HEV HybridPACK??
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25655 Datasheet(HTML) 4 Page - EPCOS

  B25655 Datasheet HTML 1Page - EPCOS B25655 Datasheet HTML 2Page - EPCOS B25655 Datasheet HTML 3Page - EPCOS B25655 Datasheet HTML 4Page - EPCOS B25655 Datasheet HTML 5Page - EPCOS B25655 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Film Capacitors – Power Electronic Capacitors
B25655J4507K**5
PCC series for Full HEV HybridPACK™2
B25655
Preliminary data
FK PC OH PCC
October 2009
Please read Cautions and warnings and
Page 4 of 6
Important notes at the end of this document.
Dielectric power dissipation
PD vs. repetition frequency f0
0,1
1
10
1000
10000
100000
1000000
f0 [Hz]
ûac = 5 V
ûac = 10 V
Ohmic power dissipation PR
vs. RMS current value I
0,1
1
10
100
1
10
100
1000
Irms [A]
Permissible ambient and
casing temperature T vs.
total power dissipation P
0
20
40
60
80
100
120
0
5
10
15
20
25
30
P [W]
ambient
case



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com