Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2104 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2104
Description  MEDIUM POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2104 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2104 Datasheet HTML 1Page - RF Micro Devices RF2104 Datasheet HTML 2Page - RF Micro Devices RF2104 Datasheet HTML 3Page - RF Micro Devices RF2104 Datasheet HTML 4Page - RF Micro Devices RF2104 Datasheet HTML 5Page - RF Micro Devices RF2104 Datasheet HTML 6Page - RF Micro Devices RF2104 Datasheet HTML 7Page - RF Micro Devices RF2104 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
2-11
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC1
GND
GND
VCC2
RF IN
GND
GND
PC
GND
GND
GND
RF OUT
RF OUT
GND
GND
GND
BIAS
RF2104
MEDIUM POWER AMPLIFIER
• 900MHz ISM Band Applications
• 400MHz Industrial Radios
• Driver for Higher Power Applications
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems
• Base Station Equipment
The RF2104 is a medium power amplifier IC. The device
is manufactured on a low cost Silicon process, and has
been designed for use as the final RF amplifier in UHF
radio transmitters operating between 400MHz and
1000 MHz. It may also be used as a driver amplifier in
higher power applications. The device is packaged in a
plastic quad-batwing 16-lead package, and is self-con-
tained with the exception of the output matching network,
power supply feed line, and bypass capacitors. It pro-
duces an output power level of up to 500mW (CW) at
3.6V. The device can be used in 3 cell battery applica-
tions. The maximum CW output at 3.6V is +27dBm. The
unit has a total gain of 26dB, depending upon the output
matching network.
• 400MHz to 1000MHz Operation
• Up to 500mW CW Output Power
• 26dB Small Signal Gain
• 40dB Gain Control Range
• Single 2.7V to 3.6V Supply
• 40% Efficiency
RF2104
Medium Power Amplifier
RF2104 PCBA-L
Fully Assembled Evaluation Board (830MHz)
RF2104 PCBA-H Fully Assembled Evaluation Board (915MHz)
2
Rev B4 010507
0.068
0.064
0.008
0.004
-A-
0.020
0.014
0.034 REF
0.068
0.053
0.244
0.229
0.009
0.007
0.034
0.016
8° MAX
0° MIN
0.393
0.386
0.020
REF
0.157
0.150
Package Style: CJ2BAT0


Similar Part No. - RF2104

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA RFMD-RF2103PPCBA Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA-41X RFMD-RF2103PPCBA-41X Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
More results

Similar Description - RF2104

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com