Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2105 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2105
Description  HIGH POWER LINEAR UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2105 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2105 Datasheet HTML 1Page - RF Micro Devices RF2105 Datasheet HTML 2Page - RF Micro Devices RF2105 Datasheet HTML 3Page - RF Micro Devices RF2105 Datasheet HTML 4Page - RF Micro Devices RF2105 Datasheet HTML 5Page - RF Micro Devices RF2105 Datasheet HTML 6Page - RF Micro Devices RF2105 Datasheet HTML 7Page - RF Micro Devices RF2105 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-24
RF2105L
Rev B3 010720
2
Application Schematic for 915MHz Operation
Evaluation Board Schematic (840MHz)
(Download Bill of Materials from www.rfmd.com.)
2
3
4
5
13
12
11
10
678
9
114
15
16
BIAS
CIRCUIT
V
CC
100 pF
100 pF
100 pF
3.9 pF
5.6 pF
1.8 pF
100 pF
100 pF
47 nH
180
Ω
0.01" x 0.15"
(PCB material: FR-4,
Thickness: 0.031")
RF OUT
1
µF
RF IN
Ground Back of
Package
PD
0/5 V
DC
C7
330 pF
C11
100 nF
C9
1nF
C8
100 nF
C3
330 pF
C10
1
µF
C5
100 pF
C4
100 pF
R3
180
Ω
L1
47 nH
C6
100 pF
SMA
J1
P1-3
C13
2.4 pF
L2
1.8 nH
C2
6.8 pF
SMA
J2
C1
100 pF
C12
4.7 pF
RF IN
RF OUT
2
3
4
5
13
12
11
10
6789
114
15
16
BIAS
CIRCUIT
C12 is adjusted for 840 MHz
P1-1
2105400 Rev A
P1-1
P1-3
P1
PD
GND
VCC
1
2
3
C14
100 nF
0.01"x0.2"
PCB mat'l: FR-4,
Thickness: 0.031"
50
Ω µ strip
50
Ω µ strip



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com