Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2115 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2115
Description  HIGH POWER UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2115 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2115 Datasheet HTML 1Page - RF Micro Devices RF2115 Datasheet HTML 2Page - RF Micro Devices RF2115 Datasheet HTML 3Page - RF Micro Devices RF2115 Datasheet HTML 4Page - RF Micro Devices RF2115 Datasheet HTML 5Page - RF Micro Devices RF2115 Datasheet HTML 6Page - RF Micro Devices RF2115 Datasheet HTML 7Page - RF Micro Devices RF2115 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-41
RF2115L
Rev B1 010329
2
Pin
Function
Description
Interface Schematic
1VCC2
Positive supply for the second stage (driver) amplifier. This is an
unmatched transistor collector output. This pin should see an inductive
path toAC ground(VCC with a UHF bypassing capacitor). This induc-
tance can be achieved with a short, thin microstrip line or with a low
value chip inductor (approximately 2.7nH). At lower frequencies, the
inductance value should be larger (longer microstrip line) and VCC
should be bypassed with a larger bypass capacitor (see the application
schematic for 430MHz operation). This inductance forms a matching
network with the internal series capacitor between the second and third
stages, setting the amplifier’s frequency of maximum gain. An addi-
tional 1
µF bypass capacitor in parallel with the UHF bypass capacitor is
also recommended, but placement of this component is not as critical.
In most applications, pins 1, 2, and 3 can share a single 1
µF bypass
capacitor.
2VCC3
Positive supply for the active bias circuits. This pin can be externally
combined with pin 3 (VCC1) and the pair bypassed with a single UHF
capacitor, placed as close as possible to the package. Additional
bypassing of 1
µF is also recommended, but proximity to the package is
not as critical. In most applications, pins 1, 2, and 3 can share a single
1
µF bypass capacitor.
3VCC1
Positive supply for the first stage (input) amplifier. This pin can be exter-
nally combined with pin 2 (VCC3) and the pair bypassed with a single
UHF capacitor, placed as close as possible to the package. Additional
bypassing of 1
µF is also recommended, but proximity to the package is
not as critical. In most applications, pins 1, 2, and 3 can share a single
1
µF bypass capacitor. This pin can also be used for coarse analog gain
control, even though it is not optimized for this function.
4GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance. In addition, for specified
performance, the package’s backside metal should be soldered to
ground plane.
5PD
Power down control voltage. When this pin is at 0V, the device will be in
power down mode, dissipating minimum DC power. When this pin is at
5V the device will be in full power mode delivering maximum available
gain and output power capability. This pin may also be used to perform
some degree of gain control or power control when set to voltages
between 0V and 5V. It is not optimized for this function so the transfer
function is not linear over a wide range as with other devices specifi-
cally designed for analog gain control; however, it may be usable for
coarse adjustment or in some closed loop AGC systems. This pin
should not, in any circumstance, be higher in voltage than VCC, nor
should it ever be higher than 6.5V. This pin should also have an exter-
nal UHF bypassing capacitor.
6RF IN
Amplifier RF input. This is a 50
Ω RF input port to the amplifier. It does
not contain internal DC blocking and therefore should be externally DC
blocked before connecting to any device which has DC present or
which contains a DC path to ground. A series UHF capacitor is recom-
mended for the DC blocking.
7G20
RF output power gain control MSB (see specification table for logic).
The control voltage at this pin should never exceed VCC.This pin
should also have an external UHF bypassing capacitor.
8G10
RF output power gain control LSB (see specification table for logic).
The control voltage at this pin should never exceed VCC.This pin
should also have an external UHF bypassing capacitor.
9NC
Not internally connected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com