Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6629 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6629 Datasheet HTML 1Page - National Semiconductor (TI) LMH6629 Datasheet HTML 2Page - National Semiconductor (TI) LMH6629 Datasheet HTML 3Page - National Semiconductor (TI) LMH6629 Datasheet HTML 4Page - National Semiconductor (TI) LMH6629 Datasheet HTML 5Page - National Semiconductor (TI) LMH6629 Datasheet HTML 6Page - National Semiconductor (TI) LMH6629 Datasheet HTML 7Page - National Semiconductor (TI) LMH6629 Datasheet HTML 8Page - National Semiconductor (TI) LMH6629 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4)
Human Body Model
2kV
Machine Model
200V
Charge-Device Model
750V
Positive Supply Voltage
−0.5 to 6.0V
Differential Input Voltage
3V
Analog Input Voltage Range
−0.5 to V
S
Digital Input Voltage
−0.5 to V
S
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
See Product Folder at www.national.com and http://
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 1)
Supply Voltage (V+ - V−
2.7V to 5.5V
Operating Temperature Range
−40°C to +125°C
Package
(
θ
JA)
LLP-8
71°C/W
5V Electrical Characteristics
The following specifications apply for single supply with V
S = 5V, RL = 100Ω terminated to 2.5V, gain = 10V/V, VO = 2VPP, VCM =
V
S/2, COMP Pin = HI, unless otherwise noted. Boldface limits apply at the temperature extremes. (Note 2).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
DYNAMIC PERFORMANCE
SSBW
Small signal −3dB
bandwidth
V
O = 200 mVPP
900
MHz
COMP Pin = LO, A
V= 4, VO = 200
mV
PP
800
LSBW
Large signal −3dB
bandwidth
V
O = 2VPP
380
MHz
COMP Pin = LO, A
V= 4, VO = 2VPP
190
0.1 dB bandwidth
A
V= 10, VO = 200 mVPP
330
MHz
COMP Pin = LO, A
V= 4, VO = 200
mV
PP
95
SR
Slew rate
A
V= 10, 2V step
1600
V/
μs
A
V= 4, 2V step,
COMP Pin = LO
530
t
r/tf
Rise/fall time
A
V= 10, 2V step, 10% to 90%
0.9
ns
A
V= 4, 2V step, 10% to 90%,
COMP Pin = LO, (Slew Rate Limited)
2.8
T
s
Settling time
A
V= 10, 1V step, ±0.1%
42
Overload Recovery
V
IN = 1VPP
2
NOISE AND DISTORTION
HD2
2nd order distortion
fc = 1MHz, V
O = 2VPP
−90
dBc
COMP Pin = LO, A
V= 4, fc = 1 MHz,
V
O = 2VPP
−88
fc = 10 MHz, V
O = 2VPP
−70
COMP Pin = LO, fc = 10 MHz, A
V=
4V, V
O = 2VPP
−65
HD3
3rd order distortion
fc = 1MHz, V
O = 2VPP
−94
dBc
COMP Pin = LO, A
V= 4, fc = 1MHz,
V
O = 2VPP
−87
fc = 10 MHz, V
O = 2VPP
−82
COMP Pin = LO, fc = 10 MHz, V
O =
2V
PP
−75
OIP3
Two-tone 3rd order intercept
point
fc = 25 MHz, V
O = 2 VPP composite
31
dBm
fc = 75 MHz, V
O = 2VPP composite
27
e
n
Noise Voltage
Input referred f > 1MHz
0.69
nV/
√Hz
i
n
Noise current
2.6
pA/
√Hz
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com