Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2128 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2128
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2128 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2128 Datasheet HTML 1Page - RF Micro Devices RF2128 Datasheet HTML 2Page - RF Micro Devices RF2128 Datasheet HTML 3Page - RF Micro Devices RF2128 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2-88
RF2128
Rev A3 010112
2
Evaluation Board Schematic
2450MHz Operation
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
1.547" x 1.068"
1
2
3
4
8
7
6
5
BIAS
CIRCUITS
PACKAGE BASE
GND
C4
330 pF
C5
22 pF
C1
6.2 pF
C3
1nF
C6
16 pF
C7
1
µF
P1-1
C8
330 pF
C9
1nF
P1-3
RF IN
J1
RF OUT
J2
P1-1
P1-3
P1
VPD
GND
VCC
1
2
3
2128400 Rev -
(PCB mat'l: FR-4,
Thickness: 0.031")
C2
2.4 pF
100
Ω, L=174 mil,
W=10 mil
L=250 mil,
W=20 mil
L=217 mil, W=26 mil
50
Ω µ strip
50
Ω µ strip



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com