Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2128P Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2128P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2128P Datasheet(HTML) 1 Page - RF Micro Devices

  RF2128P Datasheet HTML 1Page - RF Micro Devices RF2128P Datasheet HTML 2Page - RF Micro Devices RF2128P Datasheet HTML 3Page - RF Micro Devices RF2128P Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

2-89
2
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC2
GND1
PD
RF IN
VCC1
RF OUT
RF OUT
GND 2
BIAS
CIRCUITS
PACKAGE BASE
GND
RF2128P
      
• PCS Communication Systems
• 2.5GHz ISM Band Applications
• Wireless LANs
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
The RF2128P is a medium-power, high-efficiency, linear
amplifier IC. The device is manufactured on an advanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in 2.45 GHz ISM applications such as WLAN
and POS terminals. The part also will function as the final
stage in digital PCS phone transmitters requiring linear
amplification
operating
between
1900 MHz
and
2200 MHz, with over 100 mW transmitted power, or as the
driver stage for the RF2125 high power amplifier. A sim-
ple power down function is included for TDD operation.
The part is packaged in a low-cost plastic package with a
metal backside.
• Single 3.0V to 6.5V Supply
• 100mW Linear Output Power
• 28dB Small Signal Gain
• 33% Efficiency
• Digitally Controlled Power Down Mode
• 1900MHz to 2500MHz Operation
RF2128P
Medium Power Linear Amplifier
RF2128P PCBA
Fully Assembled Evaluation Board

Rev A4 990216
.157
.150
.035
.016
8°MAX
0°MIN
.061
.055
.196
.189
.244
.230
.050
.010
.007
.003
.001
.019
.014
1
EXPOSED
HEATSINK
.087
.071
.123
.107
Refer to “Handling of PSOP and PSSOP Products” on page 16-15
for special handling information.
   !


Similar Part No. - RF2128P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2128PCBA RFMD-RF2128PCBA Datasheet
60Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
More results

Similar Description - RF2128P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2127 RFMD-RF2127 Datasheet
63Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2128 RFMD-RF2128 Datasheet
60Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com