Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPCP42F Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # HPCP42F
Description  HIGH POWER CONNECTORS , Panel Mounts and Cord Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

HPCP42F Datasheet(HTML) 1 Page - Switchcraft, Inc.

  HPCP42F Datasheet HTML 1Page - Switchcraft, Inc. HPCP42F Datasheet HTML 2Page - Switchcraft, Inc. HPCP42F Datasheet HTML 3Page - Switchcraft, Inc. HPCP42F Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
BULLETIN
544
HIGH POWER
CONNECTORS
Panel Mounts and Cord Plugs
HPC Series
Switchcraft recently introduced a complete line of panel mount
speaker connectors that are completely compatible with the
Neutrik® Speakon® 4 pole series. We are now introducing a
complete line of cable mounts as well. The complete HPC
Series offers both panel mount and cord mount connectors.
The HPC panel mounts have been updated with new
silver-plated contact materials that boost the contact ratings to
30A per UL 1977 on PC mount versions, 50A per UL 1977
on Faston® versions. They are still available with either 0.100"
depth flanges or 0.200" depth flanges. The 0.200" depth flange
allows for rear mounting of the HPC Series, and proper mating
of all cord plugs. The panel mount versions are available with
either 0.187" or 0.250" Faston® terminals, and either straight or
right angle PC mount terminals. The right angle PC mount
version also has, as an option, a mounting post which allows
the connector to snap onto the PC board for wave soldering.
The HPC cord plugs are available in either straight, right
angle, or as an in-line. The in-line version mates with either the
straight or right angle cord plug, allowing the end user to
extend cable runs. All cord plugs are compatible with Speakon®
panel mounts. The in-line mates with our HPC cord plugs, as
well as Speakon® cord plugs. The unique feature of the HPC
series cord plugs are the “push to lock” feature, similar to the
connection of an XLR connector. The HPC cord plugs, when
mated to either HPC panel mounts or Speakon® panel mounts
do not require a 1/4" turn to engage. Simply push the connector
in until it locks. To disengage, push forward on the latch lever
and pull the connector out. This feature eliminates the need to
remember to turn the connector to make contact. All HPC cord
plugs utilize 0.250" Faston® terminals, which allow for easy
assembly, and make it easy to change cord plugs. To change
from a straight cord plug to an in-line cord plug, back off the
strain relief nut, twist off the handle, disconnect the Faston®
terminals, fasten the new cord connector, twist on the handle
and the strain relief. Barbs on the handle keep the handle from
vibrating loose from the front shell.
Both HPC panel mounts and cord plugs incorporate a built-in
gasket, which allows them to meet IP 25 harsh environment
ratings, as well as IEC 529 and IEC 1010-1 safety ratings.
Features and Benefits
• Completely compatible with Neutrik® Speakon® 4 pole
connectors
• 30A rating per UL 1977 on PC mount versions
• 50A rating per UL 1977 on Faston® versions
• Panel mounts have two different Faston® terminal sizes,
0.187” and 0.250”
Continued
Speakon® is a registered trademark of Neutrik Inc


Similar Part No. - HPCP42F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
112Kb / 2P
High Voltage Disc Capcitors, Screw mounting
21-Feb-02
HPC VISHAY-HPC Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
High Power Surface Mount Resistor
05/12/2016
logo
KITAGAWA GmbH
HPC KGS-HPC Datasheet
196Kb / 1P
Suitable for contact in large clearance applications
logo
PREMO CORPORATION S.L
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
High power planar chokes for HV applications
More results

Similar Description - HPCP42F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Elektron Components Ltd...
PX0959 BULGIN-PX0959 Datasheet
61Kb / 1P
Panel Mount Plugs
logo
Tyco Electronics
143-985 MACOM-143-985 Datasheet
48Kb / 1P
Shrouded Patch Cord 4mm Plugs
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
Cable and Wire Mounts
logo
Kingbright Corporation
L-1034GD KINGBRIGHT-L-1034GD Datasheet
234Kb / 4P
MOUNTS FLUSH WITH PANEL
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
PTI-2-H ETC2-PTI-2-H Datasheet
210Kb / 1P
POWER TRANSISTOR MOUNTS
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
Push Mounts and Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com