Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN70B Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # SN70B
Description  1/4 RIGHT-ANGLE PHONE JACKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

SN70B Datasheet(HTML) 1 Page - Switchcraft, Inc.

  SN70B Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
1/4" RIGHT-ANGLE PHONE JACKS
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
SERIES SN


Similar Part No. - SN70B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SN7000 SIEMENS-SN7000 Datasheet
79Kb / 7P
SIPMOS Small-Signal Transistor
logo
ML Accessories Limited....
SN7000 KNIGHTSBRIDGE-SN7000 Datasheet
176Kb / 1P
13A 1G DP Switched Socket
25/03/2024
SN7000S KNIGHTSBRIDGE-SN7000S Datasheet
176Kb / 1P
13A 1G SP Switched Socket
25/03/2024
SN7000U KNIGHTSBRIDGE-SN7000U Datasheet
134Kb / 1P
13A 1G Unswitched Socket
25/03/2024
logo
Siemens Semiconductor G...
SN7002 SIEMENS-SN7002 Datasheet
134Kb / 8P
SIPMOS Small-Signal Transistor
More results

Similar Description - SN70B

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
N113X SWITCH-N113X Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Neutrik AG
NP2RX NEUTRIK-NP2RX Datasheet
75Kb / 3P
1/4" professional right-angle phone plug, 2 pole, nickel contacts, nickel shell
NP2RX-B NEUTRIK-NP2RX-B Datasheet
78Kb / 3P
2 pole 1/4" professional right-angle phone plug, gold contacts, black shell
NP2RX-BAG NEUTRIK-NP2RX-BAG Datasheet
77Kb / 3P
2 pole right-angle 1/4" professional phone plug, nickel contacts, black shell
NP3RX NEUTRIK-NP3RX Datasheet
75Kb / 3P
3 pole right-angle 1/4" professional phone plug, nickel contacts, nickel shell
NP3RX-B NEUTRIK-NP3RX-B Datasheet
78Kb / 3P
3 pole right-angle 1/4" professional phone plug, gold contacts, black shel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com