Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM301AD Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM301AD
Description  Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM301AD Datasheet(HTML) 4 Page - Motorola, Inc

  LM301AD Datasheet HTML 1Page - Motorola, Inc LM301AD Datasheet HTML 2Page - Motorola, Inc LM301AD Datasheet HTML 3Page - Motorola, Inc LM301AD Datasheet HTML 4Page - Motorola, Inc LM301AD Datasheet HTML 5Page - Motorola, Inc LM301AD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM301A LM201A
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 10. Voltage Follower Pulse Response
Figure 11. Open Loop Frequency Response
Figure 12. Large Signal Frequency Response
Figure 13. Inverter Pulse Response
Figure 14. Single–Pole Compensation
Figure 15. Feedforward Compensation
t, TIME (
µs)
t, TIME (
µs)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
10
8.0
6.0
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
0
10203040
50
607080
90
140
120
100
80
60
40
20
0
–20
10
100
1.0 k
10 k
100 k
1.0 M 10 M 100 M
10
8.0
6.0
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0 M
10 M
100 k
0
18
16
12
8.0
4.0
225
180
135
90
45
0
Balance
1
4
VEE
R2
R1
R3
2
3
7
6
8
C1
VCC
VO
–VI
+VI
Frequency
Compensation
C2
R2
R1
VI
R3
C1
150 pF
Balance
VEE
VO
2
3
6
7
4
1
C2 =
1
2
πfoR2
fo = 3.0 MHz
+
+
C1
≥
R1 Cs
R1 +R2
Cs = 30 pF
VCC
Single–Pole Compensation
Output
Input
Feedforward
Compensation
0
Output
Input
Feedforward
Compensation
Phase
Gain
Feedforward
Compensation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com